Part Number Hot Search : 
VSKDS403 SBL10 KBP02 MH1362 SS69R KA558 4ALVCH16 09SH3
Product Description
Full Text Search
 

To Download QSE-040-01-L-D-EM3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do not scale from this print ((no of positions / 20) x .7875[20.003]) + .440[11.18] ref .2850 7.239 ref ((no of positions / 20) x .7875[20.003]) + .0100[.254] ref .625 15.88 ref .793 ref 20.14 19 eq spaces @ .0315[.800] .022 0.57 ref 'a' c1 01 02 qse-xxx-01-x-d-emx-xx no of positions -020, -040, -060 **-080, **-100 (per row) row specification -d: double (use qse-20-01-d-emx-xx) plating specification -f: flash selective gold with matte tin tails (use c-162-xx-f & t-1g13-01-f) (see note 6) -l: light selective gold with matte tin tails (use c-162-xx-l & t-1g13-01-l) -h: heavy gold (use c-162-xx-h & t-1g13-01-g) -tl: tin/lead lead style -01: .1380 [3.505] no of banks edge mount thickness -em2: .064[1.63] +/-.004 pcb (use qse-20-01-d-em2-xx & c-162-01-x) option -gp: guide post (60 pos max) (see fig. 2, see sheet 2) * see note 10 -ty: tray packaging .7250 18.415 ref .1750 4.445 ref .120 ref 3.05 .1380 .0030 3.505 0.08 (see note 5) .118 3.00 .1200 3.048 ref .006 0.15 ref .0315 0.800 ref .155 3.92 ref (typ) 2 max sway "a" "a" t-1g13-01-x c2 see table 1 .0400 ref 1.016 .1400 ref 3.556 .100 ref 2.54 ** = see note 11 .238 6.05 ref .0660 .0030 1.676 0.08 section "a"-"a" qse-20-01-d-em2-xx c-162-01-x -em2: .064[1.63] +/-.004 pcb .0920 .0030 2.338 0.08 section "a"-"a" -em3: see note 10 qse-20-01-d-em3-xx c-162-02-x c fig. 1 * em3-gp = not tooled c4 [different as shown, otherwise same as -em2 pcb thickness] -em3: (use qse-20-01-d-em3-xx & c-162-02-x) * = see note 10 x x x x sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01[.3] 2 .xxx: .005[.13] .xxxx: .0020[.051] material: .8mm edge mount hs socket assembly by: qse-xxx-01-x-d-emx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 5/24/2000 2 1 sheet scale: 1.375:1 insulator: lcp, -em2 color: black -em3 color: natural contact & ground plane: phos bronze f:\dwg\misc\mktg\qse-xxx-01-x-d-emx-xx-mkt.slddrw notes: 1. represents a critical dimension. 2. contact retention: 6 oz min. 3. ground plane retention: 8 oz min. 4. parts are mold to position. 5. max variance of .002[.05]. 6. -l plating can be substituted for -f plating. 7. note deleted. 8. board thickness to be measured from solder pad to solder pad. 9. see www.samtec. com/processing/ edgemount_tectalk/index.htm for information on processing edgemount parts to boards. 10. -em3 is not a standard offering; available as an asp only. please contact samtec interconnect processing group with order inquiries 11. for new applications requiring these positions, please contact samtec interconnect processing group. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision x
{(no of positions / 20) x .7875[20.003]} + 1.044[26.52] ref {(no of positions / 20) x .7875[20.003]) + .225[5.715) ref .140 ref (typ) 3.56 .207 ref 5.26 "b" "b" .235 ref 5.96 .070 1.78 ref .417 10.59 ref "c" "c" section "b"-"b" qse-20-01-d-emx-xx-gp section "c"-"c" .008 max 0.19 detail 'a' scale 10 : 1 line where rounded top of contact transitions to straight beam fig. 2 -gp: guide post (different as shown, otherwise same as fig.1) (60 position max) (only available with -em2 option) = applicable for -em3 only * ** = applicable for -em2 only x critical dimension inspection instruction table assembly operation start-up inspection inspect code a in-process inspection inspect code b fill t-1g13-01-x c6 fill c-162-xx-x c1, c4 c2, c4*, c5** sheet of .8mm edge mount hs socket assembly by: qse-xxx-01-x-d-emx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 5/24/2000 2 2 sheet scale: 2:1 revision x f:\dwg\misc\mktg\qse-xxx-01-x-d-emx-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of QSE-040-01-L-D-EM3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X